PART |
Description |
Maker |
DPA423P-TL DPA424 DPA425R-TL DPA426 |
Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 高度集成的DC - DC转换器IC为分布式电源架构 Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PSSO6 (DPA423 - DPA426) Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
|
Power Integrations, Inc.
|
P2681A-08TT P2681A P2681A-08SR P2681A-08ST P2681A- |
ICs for Inductive Proximity Switches; Package: S--0; VCC (min): 3.1 V; VCC (max): 40.0 V; ICC (max): 0.84 mA; IQ (max): 60.0 mA; Operating Temperature (min): -40.0 degC; General Purpose EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
TDA16846 TDA16846G TDA16847-2 TDA16847G |
0.1 A POWER FACTOR CONTROLLER, 98 kHz SWITCHING FREQ-MAX, PDIP14 0.1 A POWER FACTOR CONTROLLER, 98 kHz SWITCHING FREQ-MAX, PDSO14 Power Control ICs - Off-line PWM controller for quasi-resonant, synchronized or fixed frequency applications
|
INFINEON TECHNOLOGIES AG
|
BD9528MUV-E2 BD9528MUV |
Main Power Supply ICs for Note PC(Linear Regulator Integrated)
|
Rohm
|
DPA423GNTL DPA426R DPA423GTL DPA423P DPA423PN DPA4 |
Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
|
Power Integrations, Inc. Power Integrations, Inc...
|
MCP9701T-E_TT MCP9700A-E_LT MCP9700A-E_TO MCP9700A |
ANALOG TEMP SENSOR-VOLTAGE, 6Cel, RECTANGULAR, SURFACE MOUNT Low-Power Linear Active Thermistor?/a> ICs Low-Power Linear Active Thermistor ICs Low-Power Linear Active Thermistor垄芒 ICs Low-Power Linear Active Thermistor?ICs
|
Microchip Technology
|
KIA8262H KIA8262 |
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|
MTB001 |
Power ICs / Solenoid/Motor Drivers (MTA,MTB Series) High Output Interface Driver ICs
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
FAN2502 FAN2503S285 FAN2502S27 FAN2502S25 FAN2503S |
150 mA CMOS LDO Regulators Pch Power MOSFET; ; Package: PS-8; Number Of Pins: 8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -5.6) Pch Power MOSFET; Surface Mount Type: Y; Package: SOP-8; Application Scope: mobile; R DS On (Ω): (max 0.03) (max 0.02); I_S (A): (max -10) Pch Power MOSFET; Surface Mount Type: N; Package: VS-6; R DS On (Ω): (max 0.09) (max 0.055) (max 0.035); I_S (A): (max -5.5) Pch Power MOSFET; Surface Mount Type: Y; Package: VS-8; Application Scope: mobile; R DS On (Ω): (max 0.3) (max 0.16) (max 0.11); I_S (A): (max -2.7)
|
Fairchild Semiconductor
|
MC44BC373D MC44BC374DTB MC44BC374 MC44BC373 MC44BC |
Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
|
MOTOROLA[Motorola, Inc]
|
BCX56 BCX56135 |
80 V, 1 A NPN medium power transistors - fT min: 130 MHz; hFE max: 250 ; hFE min: 40 ; I<sub>C</sub> max: 1000 mA; Polarity: NPN ; Ptot max: 1300 mW; VCEO max: 80 V; Package: SOT89 (MPT3; UPAK); Container: Tape reel smd
|
NXP SEMICONDUCTORS Philips
|